PART |
Description |
Maker |
MTN2118-AG MTN2118-CG MTN7118M-31C MTN4118-AHR MTN |
Marktech 1.80 Single Digit TERM. F/O CABLE SC-SC/ DPLX/RISER/3M/GREEN (MTNxxxx) 1.8 Single Digit Display 1.8 Single Digit Display 1.8单数
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
MTN1136-ASR MTN1136-CSR MTN1139-ASR MTN1139-CSR MT |
SINGLE DIGIT SEVEN SEGMENT DISPLAY 一位数七段显示 (MTNxxxx) SINGLE DIGIT SEVEN SEGMENT DISPLAY 0.36 Single Digit Display 0.39 Single Digit Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
LTS-3406LE LTS3406LE |
The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display 在三 3406LE是一.8英寸0.32毫米)两位数的高个位数七段显示器
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司 Lite-On Technology, Corp. ???绉???′唤??????
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3403LE LTS3403LE |
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation] LITE-ON Electronics
|
LTS-3401LG LTS3401LG |
The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
MTN2151-AG MTN2151-CG MTN4151-AO MTN7151M-CUR MTN4 |
Marktech 5.00 Single Digit w/Comma 5.0 Single Digit Display CONNECTOR ACCESSORY CAP METAL POLYPRO .27UF 630V 5%
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
MU156C MU156A |
0.56 SINGLE DIGIT NUMBERIC DISPLAYS 0.56 SINGLE DIGIT NUMERIC DISPLAY
|
MICRO-ELECTRONICS[Micro Electronics]
|
LTS2301AWC LTS-2301AWC |
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
FYE-800BZX-00 FYE-800BZX-01 |
8.00 Inch (203.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-70011AX-00 FYS-70011AX-24 FYS-70011AX-03 FYS-7 |
7.00 Inch (180.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-40011KX-20 FYS-40011KX-22 FYS-40011KX-21 FYS-4 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|